Part Number Hot Search : 
MAS281 EL7104 NJM2524 22400 MX29LV MX29LV 12E629 PMB2728
Product Description
Full Text Search
 

To Download BAT54N3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Small Signal Schottky (double) diodes
Spec. No. : C302N3-H Issued Date : 2003.04.14 Revised Date : Page No. : 1/4
BAT54N3/BAT54AN3 BAT54CN3/BAT54SN3
Description
Planar silicon Schottky barrier diodes encapsulated in a SOT-23 small plastic SMD package. Single diodes and double diodes with different pinning are available.
Features
*Very small conduction losses *Low forward voltage drop *Small plastic SMD package
Applications
*Ultra high-speed switching *Voltage clamping *Protection circuits *Blocking diodes
Pinning
Pin 1 2 3 BAT54 A NC K
3 1 2 1
Outline
Description BAT54A BAT54C K1 A1 K2 A2 A1,A2 K1,K2
3 2
BAT54S A1 K2 K1,A1
SOT-23 3
1
2
N.C.
(1) BAT54
3 1 2 1
(2)BAT54A
3 2
Marking: Type BAT54 N3 BAT54AN3 BAT54CN3 BAT54SN3 Marking Code L4 L42 L43 L44
(3)BAT54C
(4)BAT54S
Diode configuration and symbol
BAT54N3/BAT54AN3/BAT54CN3/BAT54SN3
CYStek Product Specification
CYStech Electronics Corp.
Absolute Maximum Ratings
Spec. No. : C302N3-H Issued Date : 2003.04.14 Revised Date : Page No. : 2/4
* Maximum Temperatures Storage Temperature Tstg ................................................................................................... -65~+150 C Junction Temperature Tj .............................................................................................................. +125C * Maximum Power Dissipation Total Power Dissipation (Ta=25C) Ptot (Note) ......................................................................... 230 mW * Maximum Voltages and Currents (Ta=25C) Repetitive Peak Reverse Voltage VRRM .............................................................................................. 30 V Continuous Forward Current IF ................................................................................................... 200 mA Repetitive Peak Forward Current(tp1s,duty cycle0.5)................................................ 300mA Non-repetitive Peak Forward Current (tp<10ms, sinusoidal) IFSM ............................................... 600 mA
Note:for double diodes, Ptot is the total power dissipation of both diodes.
Characteristics (Ta=25C)
Characteristic Reverse Breakdown Voltage Symbol VBR VF(1) VF(2) Forward Voltage (Note 1) VF(3) VF(4) VF(5) Reverse Leakage Current (Note 2) Diode Capacitance Reverse Recovery Time
Notes: 1.pulse test, tp=380s,duty cycle<2%. 2.pulse test, tp=5ms,duty cycle<2%.
Condition IR=100A IF=0.1mA IF=1mA IF=10mA IF=30mA IF=100mA VR=25V,Tj=25 VR=1V, f=1MHz IF=IR=10mA RL=100 measured at IR=1mA
Min. 30 -
Max. 240 320 400 500 800 2 10 5
Unit V mV mV mV mV mV A pF ns
IR CD trr
BAT54N3/BAT54AN3/BAT54CN3/BAT54SN3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Forward Current & Forward Voltage
250
Spec. No. : C302N3-H Issued Date : 2003.04.14 Revised Date : Page No. : 3/4
100
Diode Capacitance & Reverse-Biased Voltage
200
150
Diode Capacitance-Cd (pF)
0 200 400 600 800 1000
Forward Current-I F (mA)
10
100
50
0
1
Forward Voltage-VF (mV)
0.1
1
10
100
Reverse Biased Voltage-VR (V)
BAT54N3/BAT54AN3/BAT54CN3/BAT54SN3
CYStek Product Specification
CYStech Electronics Corp.
SOT-23 Dimension
Diagram:
L 3 B 1 2 S
Spec. No. : C302N3-H Issued Date : 2003.04.14 Revised Date : Page No. : 4/4
A
Marking:
L4_ L4X
V
G
C D K 3-Lead SOT-23 Plastic Surface Mounted Package. CYStek Package Code: N3 J
H
* BAT54 N3: Single Diode (Marking Code L4) * BAT54AN3: Common Anode. (Marking Code L42) * BAT54CN3: Common Cathode. (Marking Code L43) * BAT54SN3: Series Connected. (Marking Code L44) *: Typical
DIM A B C D G H
Inches Min. Max. 0.1102 0.1204 0.0472 0.0630 0.0335 0.0512 0.0118 0.0197 0.0669 0.0910 0.0005 0.0040
Millimeters Min. Max. 2.80 3.04 1.20 1.60 0.89 1.30 0.30 0.50 1.70 2.30 0.013 0.10
DIM J K L S V
Inches Min. Max. 0.0034 0.0070 0.0128 0.0266 0.0335 0.0453 0.0830 0.1083 0.0098 0.0256
Millimeters Min. Max. 0.85 0.177 0.32 0.67 0.85 1.15 2.10 2.75 0.25 0.65
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BAT54N3/BAT54AN3/BAT54CN3/BAT54SN3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BAT54N3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X